PART |
Description |
Maker |
EMVH100ADA101MH63G EMVH250ADA101MH63G EMVH101ARA47 |
High heat resistance, 125C
|
United Chemi-Con, Inc.
|
P4C1281L-30CC P4C1281L-30CM P4C1281L-30JC P4C1282L |
Dual LDO w/Microcontroller Reset Function, -40C to 125C, 8-DFN, T/R DUAL LDO W/MICROCONTROLLER, -40C to 125C, 8-DFN, T/R VOLTAGE DETECTOR W/PUSH-PULL ACTIVE HIGH OUTPUT & Oms TIMEOUT, -40C to 125C, 5-SOT-23, T/R DUAL LDO W/MICROCONTROLLER WITH RESET FUNCTION, -40C to 125C, 8-MSOP, T/R x4 SRAM x4的SRAM
|
TE Connectivity, Ltd.
|
AN264 |
RESISTANCE TO SOLDERING HEAT AND THERMAL CHARACTERISTICS OF SMDS
|
SGS Thomson Microelectronics
|
290-1AB |
Heat Sink; Body Material:Aluminum; Thermal Resistance:44 C/W; Color:Black
|
Wakefield Thermal Solutions
|
A759MS825M2EAAE458 |
Polymer Aluminum, 125C LowZ, A759, 8.2 uF, 20%, 250 V, -55/ 125C, Lead Spacing = 5mm
|
Kemet Corporation
|
OPB360L55 OPB360L11 OPB360L51 |
8K, 1K X 8 2.5V SERIAL EE, IND, -40C to 125C, 8-SOIC 150mil, T/R 8K, 1K X 8 2.5V SERIAL EE, -40C to 125C, 8-MSOP, T/R 8K, 1K X 8 2.5V SERIAL EE, -40C to 125C, 5-SOT-23, T/R
|
|
2SK3652 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
FE5A-1D-0 FE5A-1J-0 FE5A-1G-0 FE5A-1F-0 FE5A-1E-0 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C; Container: Tape and Reel High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel
|
Power-One
|
SMF6.5A SMF8.0A SMF24A SMF7.5A SMF40A |
Heat Sink; Package/Case:TO-220; Thermal Resistance:13.4 C/W; Mounting Type:Screw Mount; Length:12.7mm; Height:29.97mm; Width:23.93mm; Body Material Surface Mount ESD Protection Diodes 表面贴装ESD保护二极
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
|